Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 292 page
background image
GPIO Signals and Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-35
signal line. If a port signal PC[i] or PD[i] is configured as an output (GPO), a value written to the
corresponding PDRC[i] pr PDRD[i] bit is reflected as a value on the output signal line. Either a
hardware RESET signal or a software RESET instruction clears all PDRC and PDRD bits.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
76
54
32
10
PDRx5
PDRx4
PDRx3
PDRx2
PDRx1
PDRx0
Note:
For bits 5–0, the value represents the level that is written to or read from the associated signal line if it is
enabled as a GPIO signal by the respective port control register (PCRC or PCRD) bits. For ESSI0, the GPIO
signals are PC[5–0]. For ESSI1, the GPIO signals are PD[5–0]. The corresponding data bits for Port C
GPIOs are PDRC[5–0]. The corresponding data bits for Port D GPIOs are PDRD[5–0].
= Reserved. Read as zero. Write with zero for future compatibility.
Figure 7-20. Port Data Registers (PDRC X:$FFFFBD) (PDRD X: $FFFFAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com