Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 292 page
background image
GPIO Signals and Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-33
RSMA and RSMB (as in Figure 7-12 and Figure 7-13) can be seen as one 32-bit register, RSM.
Bit n in RSM (RSn) is an enable/disable control bit for time slot number N. When RSn is cleared,
all the data signals of the enabled receivers are tri-stated during time slot number N. Data
transfers from the receive data register(s) to the receive shift register(s), but the RDF and ROE
flags are not set. Consequently, during a disabled slot, no receiver full interrupt is generated. The
DSP is interrupted only for enabled slots. When RSn is set, the receive sequence proceeds
normally. Data is received during slot number N, and the RDF flag is set.
When the bits in the RSMx are set, the frame being transmitted is unaffected, but the next frame
transmission is affected. If the RSMx is read, it shows the current setting. When the internal data
bus reads RSMA or RSMB, the register contents occupy the two low-order bytes of the data bus,
and the high-order byte is filled by 0.
After a hardware RESET signal or a software RESET instruction, the RSM register is reset to
$FFFFFFFF, enabling all 32 time slots for data transmission.
7.6 GPIO Signals and Registers
The functionality of each ESSI port is controlled by three registers: port control register (PCRC,
PCRD), port direction register (PRRC, PRRD), and port data register (PDRC, PDRD).
7.6.1 Port Control Registers (PCRC and PCRD)
The read/write 24-bit PCRs control the functionality of the signal lines for ESSI0 and ESSI1.
Each of the PCR bits 5–0 controls the functionality of the corresponding signal line. When a
PCR[i] bit is set, the corresponding port signal is configured as an ESSI signal. When a PCR[i]
bit is cleared, the corresponding port signal is configured as a GPIO signal. Either a hardware
RESET
signal or a software RESET instruction clears all PCR bits.
23
22
21
20
19
18
17
16
15
14
13
12
RS31
RS30
RS29
RS28
11
10
9876
5432
10
RS27
RS26
RS25
RS24
RS23
RS22
RS21
RS20
RS19
RS18
RS17
RS16
–Reserved. Read as zero. Write with zero for future compatibility.
(ESSI0 X:$FFFFB1, ESSI1 X:$FFFFA1)
Figure 7-17. ESSI Receive Slot Mask Register B (RSMB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com