Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-30
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
Figure 7-13. ESSI Data Path Programming Model (SHFD = 1)
SR
ESSI Receive Data
Register (Read Only)
ESSI Receive
Shift Register
24-bit Data
0
0
0
16-bit Data
12-bit Data
8-bit Data
LSB
LSB
LSB
LSB
MSB
MSB
MSB
MSB
Least Significant
Zero Fill
(a) Receive Registers
ST
ESSI Transmit Data
Register
(Write Only)
ESSI Transmit Shift
Register
24 Bit
WL1, WL0
24-bit Data
0
0
0
16-bit Data
12-bit Data
8-bit Data
LSB
LSB
LSB
LSB
MSB
MSB
MSB
MSB
Least Significant
Zero Fill
16 Bit
12 Bit
8 Bit
(b) Transmit Registers
Receive High Byte
Receive Middle Byte
Receive Low Byte
Receive High Byte
Receive Middle Byte
Receive Low Byte
23
16 15
87
0
23
16 15
7
0
70 7
7
0
70 7
0 7
0
NOTES:
Data is received MSB first if SHFD = 0.
24-bit fractional format (ALC = 0).
32-bit mode is not shown.
Transmit High Byte
Transmit Middle Byte
Transmit Low Byte
Transmit High Byte
Transmit Middle Byte
Transmit Low Byte
23
16 15
8 7
0
23
16 15
7
0
70 7
7
0
70 7
0 7
0
NOTES:
Data is received MSB first if SHFD = 0.
4-bit fractional format (ALC = 0).
32-bit mode is not shown.
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com