Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 292 page
background image
ESSI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-29
unused. Unused bits are read as 0. Data shifts out of these registers MSB first if the SHFD bit is
cleared and LSB first if SHFD is set.
Figure 7-12. ESSI Data Path Programming Model (SHFD = 0)
SRD
ESSI Receive Data
Register
Serial
Receive
Shift
Register
24 Bit
WL1, WL0
24-bit Data
0
0
0
16-bit Data
12-bit Data
8-bit Data
LSB
LSB
LSB
LSB
MSB
Least Significant
Zero Fill
NOTES:
Data is received MSB first if SHFD = 0.
24-bit fractional format (ALC = 0).
32-bit mode is not shown.
16 Bit
12 Bit
8 Bit
(a) Receive Registers
STD
ESSI Transmit Data
Register
ESSI Transmit
Shift Register
24-bit Data
0
0
0
16-bit Data
12-bit Data
8-bit Data
LSB
LSB
LSB
LSB
Least Significant
Zero Fill
(b) Transmit Registers
Transmit High Byte
Transmit Middle Byte
Transmit Low Byte
Transmit High Byte
Transmit Middle Byte
Transmit Low Byte
23
16 15
8 7
0
23
16 15
8
70
70 7
0
70
70 7
0 7
0
MSB
MSB
MSB
NOTES:
Data is transmitted MSB first if
SHFD = 0. 4-bit fractional format (ALC = 0).
32-bit mode is not shown.
Receive High Byte
Receive Middle Byte
Receive Low Byte
Receive High Byte
Receive Middle Byte
Receive Low Byte
23
16 15
87
0
23
16 15
70
70 7
7
0
70 7
0 7
0
MSB
MSB
MSB
MSB
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com