Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 292 page
background image
ESSI Programming Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-31
7.5.7 ESSI Transmit Data Registers (TX[2–0])
ESSI0:TX20, TX10, TX00; ESSI1:TX21, TX11, TX01
TX2, TX1, and TX0 are 24-bit write-only registers. Data written into these registers
automatically transfers to the transmit shift registers. (See Figure 7-12 and Figure 7-13.) The
data transmitted (8, 12, 16, or 24 bits) is aligned according to the value of the ALC bit. When the
ALC bit is cleared, the MSB is Bit 23. When ALC is set, the MSB is Bit 15. If the transmit data
register empty interrupt has been enabled, the DSP is interrupted whenever a transmit data
register becomes empty.
Note:
When data is written to a peripheral device, there is a two-cycle pipeline delay while
any status bits affected by this operation are updated. If any of those status bits are read
during the two-cycle delay, the status bit may not reflect the current status.
7.5.8 ESSI Time Slot Register (TSR)
TSR is effectively a write-only null data register that prevents data transmission in the current
transmit time slot. For timing purposes, TSR is a write-only register that behaves as an alternative
transmit data register, except that, rather than transmitting data, the transmit data signals of all the
enabled transmitters are in the high-impedance state for the current time slot.
7.5.9 Transmit Slot Mask Registers (TSMA, TSMB)
Both transmit slot mask registers are read/write registers. When the TSMA or TSMB is read to
the internal data bus, the register contents occupy the two low-order bytes of the data bus, and the
high-order byte is filled by 0. In Network mode the transmitter(s) use these registers to determine
which action to take in the current transmission slot. Depending on the bit settings, the
transmitter(s) either tri-state the transmitter(s) data signal(s) or transmit a data word and generate
a transmitter empty condition.
23
22
21
20
19
18
17
16
15
14
13
12
TS15
TS14
TS13
TS12
11
10
98
76
54
32
10
TS11
TS10
TS9
TS8
TS7
TS6
TS5
TS4
TS3
TS2
TS1
TS0
—Reserved bit; read as 0; write to 0 0 for future compatibility.
(ESSI0 X:$FFFFB4, ESSI1 X:$FFFFA4)
Figure 7-14. ESSI Transmit Slot Mask Register A (TSMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com