Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-32
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
TSMA and TSMB (as in Figure 7-12 and Figure 7-13) can be seen as a single 32-bit register,
TSM. Bit n in TSM (TSn) is an enable/disable control bit for transmission in slot number N.
When TSn is cleared, all the data signals of the enabled transmitters are tri-stated during transmit
time slot number N. The data still transfers from the enabled transmit data register(s) to the
transmit shift register. However, the TDE and the TUE flags are not set. Consequently, during a
disabled slot, no transmitter empty interrupt is generated. The DSP is interrupted only for enabled
slots. Data written to the transmit data register when the transmitter empty interrupt request is
serviced transmits in the next enabled transmit time slot. When TSn is set, the transmit sequence
proceeds normally. Data transfers from the TX register to the shift register during slot number N,
and the TDE flag is set. The TSM slot mask does not conflict with the TSR. Even if a slot is
enabled in the TSM, you can chose to write to the TSR to tri-state the signals of the enabled
transmitters during the next transmission slot. Setting the bits in the TSM affects the next frame
transmission. The frame being transmitted is not affected by the new TSM setting. If the TSM is
read, it shows the current setting.
After a hardware RESET signal or software RESET instruction, the TSM register is reset to
$FFFFFFFF, enabling all 32 slots for data transmission.
7.5.10 Receive Slot Mask Registers (RSMA, RSMB)
Both receive slot mask registers are read/write registers. In Network mode, the receiver(s) use
these registers to determine which action to take in the current time slot. Depending on the setting
of the bits, the receiver(s) either tri-state the receiver(s) data signal(s) or receive a data word and
generate a receiver full condition.
23
22
21
20
19
18
17
16
15
14
13
12
TS31
TS30
TS29
TS28
11
10
98
7654
321
0
TS27
TS26
TS25
TS24
TS23
TS22
TS21
TS20
TS19
TS18
TS17
TS16
—Reserved bit; read as 0; write to 0 0 for future compatibility.
(ESSI0 X:$FFFFB3, ESSI1 X:$FFFFA3)
Figure 7-15. ESSI Transmit Slot Mask Register B (TSMB)
23
22
21
20
19
18
17
16
15
14
13
12
RS15
RS14
RS13
RS12
11
10
9876
5432
10
RS11
RS10
RS9
RS8
RS7
RS6
RS5
RS4
RS3
RS2
RS1
RS0
—Reserved bit; read as 0; write to 0 0 for future compatibility.
(ESSI0 X:$FFFFB2, ESSI1 X:$FFFFA2)
Figure 7-16. ESSI Receive Slot Mask Register A (RSMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com