Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
7-34
Freescale Semiconductor
Enhanced Synchronous Serial Interface (ESSI)
7.6.2 Port Direction Registers (PRRC and PRRD)
The read/write PRRC and PRRD control the data direction of the ESSI0 and ESSI1 GPIO signals
when they are enabled by the associated Port Control Register (PCRC or PCRD, respectively).
When PRRC[i] or PRRD[i] is set, the corresponding signal is an output (GPO) signal. When
PRRC[i] or PRRD[i] is cleared, the corresponding signal is an input (GPI) signal. Either a
hardware RESET signal or a software RESET instruction clears all PRRC and PRRD bits.
Table 7-6 summarizes the ESSI port signal configurations.
7.6.3 Port Data Registers (PDRC and PDRD)
Bits 5–0 of the read/write PDRs write data to or read data from the associated ESSI GPIO signal
lines if they are configured as GPIO signals. If a port signal PC[i] or PD[i] is configured as an
input (GPI), the corresponding PDRC[i] pr PDRD[i] bit reflects the value present on the input
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
7654
3210
PCx5
PCx4
PCx3
PCx2
PCx1
PCx0
Note:
For Px[5–0], a 0 selects Pxn as the signal and a 1 selects the specified ESSI signal. For ESSI0, the GPIO signals are
PC[5–0] and the ESSI signals are STD0, SRD0, SCK0, and SC0[2–0]. For ESSI1, the GPIO signals are PD[5–0] and
the ESSI signals are STD1, SRD1, SCK1, and SC1[2–0].
= Reserved. Read as zero. Write with zero for future compatibility.
Figure 7-18. Port Control Registers (PCRC X:$FFFFBF) (PCRD X:$FFFAF)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
76
54
32
10
PRx5
PRx4
PRx3
PRx2
PRx1
PRx0
Note:
For bits 5–0, a 0 configures PRxn as a GPI and a 1 configures PRxn as a GPO. For ESSI0, the GPIO signals are
PC[5–0]. For ESSI1, the GPIO signals are PD[5–0]. The corresponding direction bits for Port C GPIOs are PRC[5–0].
The corresponding direction bits for Port D GPIOs are PRD[5–0].
= Reserved. Read as zero. Write with zero for future compatibility.
Figure 7-19. Port Direction Registers (PRRC X:$FFFFBE) (PRRD X: $FFFFAE)
Table 7-6. ESSI Port Signal Configurations
PCRC/PCRD[i]
PRRC/PRRD[i]
Port Signal[i] Function
1
X
ESSI0/ESSI1
0
0
Port C/Port D GPI
0
1
Port C/Port D GPO
X: The signal setting is irrelevant to the Port Signal[i] function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com