Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 200 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 200 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 197Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 198Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 199Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 200Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 201Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 202Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 203Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 204Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
9-8
Freescale Semiconductor
Triple Timer Module
9.3.1.3 Timer Toggle (Mode 2)
In Mode 2, the timer periodically toggles the polarity of the TIO signal. When the timer is
enabled, the TIO signal is loaded with the value of the TCSR[INV] bit. When the counter value
matches the value in the TCPR, the polarity of the TIO output signal is inverted. TCSR[TCF] is
set, and a compare interrupt is generated if the TCSR[TCIE] bit is set. If the TCSR[TRM] bit is
set, the counter is loaded with the value of the TLR when the next timer clock is received, and the
count resumes. If the TRM bit is cleared, the counter continues to increment on each timer clock.
This process repeats until the timer is cleared (disabling the timer). The TCPR[TLR] value sets
the delay between starting the timer and toggling the TIO signal. To generate output signals with
a delay of X clock cycles between toggles, set the TLR value to X/2, and set the TCSR[TRM] bit.
This process repeats until the timer is disabled (that is, TCSR[TE] is cleared).
Figure 9-6. Pulse Mode (TRM = 0)
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Name
Function
TIO
Clock
0
0
1
0
2
Toggle
Timer
Output
Internal
Mode 1 (internal clock): TRM = 0
N = write preload
M = write compare
TE
(CLK/2 or prescale CLK)
TLR
TCPR
TCF (Compare Interrupt if TCIE = 1)
first event
M
1
N
pulse width =
timer clock
period
TIO pin (INV = 0)
TIO pin (INV = 1)
TOF (Overflow Interrupt if TCIE = 1)
Counter (TCR)
0N
N + 1
M
0
M + 1
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com