Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 198Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 199Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 200Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 201Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 202Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 203Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 204Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
9-10
Freescale Semiconductor
Triple Timer Module
9.3.1.4 Timer Event Counter (Mode 3)
In Mode 3, the timer counts external events and issues an interrupt (if interrupt enable bits are set)
when the timer counts a preset number of events. The timer clock signal can be taken from either
the TIO input signal or the prescaler clock output. If an external clock is used, it must be
internally synchronized to the internal clock, and its frequency must be less than the DSP56303
internal operating frequency divided by 4. The value of the TCSR[INV] bit determines whether
low-to-high (0 to 1) transitions or high-to-low (1 to 0) transitions increment the counter. If the
INV bit is set, high-to-low transitions increment the counter. If the INV bit is cleared,
low-to-high transitions increment the counter.
When the counter matches the value contained in the TCPR, TCSR[TCF] is set and a compare
interrupt is generated if the TCSR[TCIE] bit is set. If the TCSR[TRM] bit is set, the counter is
loaded with the value of the TLR when the next timer clock is received, and the count is resumed.
If the TCSR[TRM] bit is cleared, the counter continues to increment on each timer clock. This
process repeats until the timer is disabled.
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Name
Function
TIO
Clock
0
0
1
1
3
Event Counter
Timer
Input
External
Figure 9-9. Event Counter Mode, TRM = 1
Mode 3 (internal clock): TRM = 1
N = write preload
M = write compare
TE
Clock
(TIO pin or prescale CLK)
TLR
TCPR
TCF (Compare Interrupt if TCIE = 1)
Counter (TCR)
first event
M
0
N
N + 1
M
N
N + 1
N
interrupts every
M - N clock
periods
if clock source
is from TIO pin,
TIO < CPUCLK + 4
NOTE: If INV = 1, counter is clocked on 1-to-0 clock transitions, instead of 0-to-1 transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com