Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 13Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 14Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 15Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 16Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 17Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
Table 5. ATX12V/EPS12V power supply characteristics
Group
Outputs
Unit
Voltage
+3.3
+5
+12
-12
+5 (SB)
V
Maximum load
10
14
25
0.3
2.0
A
Minimum load
0.5
1
2
0
0.1
A
Regulation
±5
±5
±5
±10
±5
%
Ripple and noise
60
60
120
120
50
mV
Capacitive loads
10000
10000
10000
330
10000
μF
2.1.2 Secondary power supplies
The table below lists the secondary power supplies for the LX2160ARDB. These supplies are derived from the ATX power supply
unit and they are used to power various onboard devices. A few are on all the time, while most others are enabled and disabled
in a particular order, as controlled by the CPLD system controller.
Table 6. Secondary power supplies
Part
identifier
Manufacturing
part number
Part
manufacturer
Power supply Specifications
Description
U12
LTC3882
Linear
Technology
VDD
0.825 V at 70 A with ±3%
accuracy
Supplies power to the
LX2160A cores
U16
LTC7150
Linear
Technology
GVDD
1.2 V at 20 A with ±3%
accuracy
Supplies power to the
LX2160A DDR controllers,
DDR memories, and DDR
memory termination
power supplies (VTT1 and
VTT2)
U15
LTC7150
Linear
Technology
OVDD
1.8 V at 20 A with ±3%
accuracy
Supplies power to the
LX2160A general I/O
drivers. OVDD also
supplies power to the
PROG_MTR and
TA_PROG_SFP pins,
through J8 and J9
jumpers, respectively,
which are normally open
(unmounted).
Filtered OVDD
power is also
supplied to the
core CPU PLLs
(AVDD[1:5] and
AVDD_D[1:2]).
NOTE
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
14 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com