Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 44Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 45Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 46Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 47Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 48Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 49Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 50Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 51Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
LED
If FAIL LED is OFF
If FAIL LED is ON
Startup (power on to
power-up complete)
Normal behavior
Fault code
Fault code
Tier number
0100 0000
0000 0100
Tier 3 => SD_SVDD,
SD_OVDD
0101 0000 0000
0101
Tier 4 => GVDD, VTT1,
VTT2, EVDD
The LX2160ARDB power up voltage sequence diagram (LX2160ARDB Reference Manual) lists the power
supplies assigned to each tier.
NOTE
Table 25. Power Sequencer state
State
LED: M[7:4]
Description
IDLE
1110 = 0xE
Waiting for power-on events (for example, switch)
WAIT_ATX
0000 = 0x0
Waiting for ATX PSU to report stable
EN_TIER1
0001 = 0x1
Enable tier 1 PSUs, wait for tier 1 power-good reports
EN_TIER2
0010 = 0x2
Enable tier 2 PSUs, wait for tier 2 power-good reports
EN_TIER3
0011 = 0x3
Enable tier 3 PSUs, wait for tier 3 power-good reports
EN_TIER4
0100 = 0x4
Enable tier 4 PSUs, wait for tier 4 power-good reports
WAIT_ALL
0110 = 0x6
Wait for all unmanaged PSUs to report power-good
PG_FAIL
0111 = 0x7
All power supplies were not stable within 1800*30 ns after the last
power was enabled
STABLE
1000 = 0x8
Power sequencing complete. Wait for power-off events.
DISABLE
1101 = 0xD
Disable tiers 4..1 PSUs, in that order, with 1 ms delay
FAULT
1111 = 0xF
Fault occurred. Power supplies were shut down due to thermal
faults or die rotation errors.
Table 26. Reset Sequencer state
State
LED: M[3:0]
Description
IDLE
0000 = 0x0
Waiting for initial reset events
RECONFIG
0010 = 0x2
Update configuration from registers
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
48 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com