Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 70 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 66Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 67Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 68Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 69Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 70Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 71Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 72Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 73Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
3.17 Reconfiguration Registers
This block of registers controls the operation of the reconfiguration system, which is used to alter the configuration of the board
or processor into different voltages, SYSCLK frequencies, boot device selections, or any other configuration controlled by a
BRDCFG or DUTCFG register.
3.18 Reconfiguration Control (RCFG)
Address
Register
Offset
RCFG
010h
Function
The RCFG register is used to control the reconfiguration sequencer.
Diagram
Bits
7
6
5
4
3
2
1
0
R
LIVE
WDEN
GO
W
CRST
00
1
0
~SW4[5]
00
RRST
0
Fields
Field
Function
7-6
-
Reserved.
5
LIVE
Immediate changes for BRDCFG registers:
1= BRDCFG registers outputs occur immediately. For QixMin, LIVE is always 1.
4
-
Reserved.
3
WDEN
Watchdog Enable:
0= The watchdog is not enabled during reconfiguration.
1= The watchdog is enabled during reconfiguration. If not disabled within 2^29 clock cycles (> 8 minutes),
the system is reset.
NOTE: This is not a highly-secure watchdog; software can reset this bit at any time and disable the
watchdog.
2-1
Reserved.
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
70 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com