Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 92Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 93Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 94Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 95Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 96Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 97Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 98Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 99Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
Table continued from the previous page...
Field
Function
3-0
-
Reserved.
3.48 Board Configuration 4 (BRDCFG4)
Address
Register
Offset
BRDCFG4
054h
Function
The BRDCFG4 register controls general board configuration.
Diagram
Bits
7
6
5
4
3
2
1
0
R
EC2
IEEECLK
CAN_EN
ROM40G
I2C40G
SLOTCLK
SPRLVL
SPREAD
W
RRST
0
0
0
SW2[2]
0
SW2[3]
0
SW2[1]
Fields
Field
Function
7
EC2
Ethernet2 Configuration (net CFG_MUX_EC2):
0= Processor EC2 pins connect to Ethernet PHY #2.
1= Processor EC2 pins connect IEEE slot (alternate function).
6
IEEECLK
IEEE Clock Source Configuration (net CFG_IEEE_SRC):
0= IEEE clock provided by on-board 125.00 MHz reference.
1= IEEE clock provided by IEEE slot pin 10.
5
CAN_EN
CAN I/O Enable (net CFG_CAN_EN_B):
0= CAN transceivers are disabled.
1= CAN transceivers are enabled.
4
ROM40G
40GE PHY ROM Configuration Enable:
0= CS4223 40GE PHY should power up unconfigured.
1= CS4223 40GE PHY should use its configuration EEPROM for initial settings and DSP software load.
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
96 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com