Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 2Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 3Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 4Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 5Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 6Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 7Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
Table 2. Related documentation (continued)
Document
Description
Link / how to access
CodeWarrior Development Studio
for QorIQ LS series - ARM V8 ISA,
Targeting Manual
Explains how to use the CodeWarrior Development Studio for
QorIQ LS series - ARM V8 ISA product.
CWARMv8TM.pdf
CodeWarrior TAP Probe User
Guide
Provides details of CodeWarrior® TAP, which enables target
system debugging through a standard debug port (usually
JTAG) while connected to a developer workstation through
Ethernet or USB
CWTAPUG.pdf
1.3 Block diagram
The figure below shows the LX2160ARDB block diagram.
Qualcomm
AR8035
Aquantia
AQR107
PCIe x4 slot
Gen 1-3
LX2160A
Power supplies
VDD
USB_HVDD
GVDD
SD_SVDD
OVDD
USB 3.0
type A
SDHC
1
JTAG
RS232 IO
USB
3.0
I2C1
I2C devices
SPD
SFP+
INA220
Temp
Fan PWM
DCM
Qix CPLD
Clocks
SystemID
UART
DB9 stack
JTAG
x4
Inphi
CS4223
SDHC
2
PWR
QSFP+
40G-SR4
40G-CR4
40G-KR4
S
E
R
D
E
S
1
12V
5V
3.3V
5VSB
RST
Dual RJ45
USXGMII
2x 10G
QixMin CPLD
system controller
Dual cage
SFP+
2x 25G
x4
CFG
C
L
O
C
K
S
uATX
Switches
USB 3.0
micro AB
SD slot
eMMC
128 GB
Aquantia
AQR107
Inphi
IN112525
x2
x2
x4
x2
x2
H,G
0,1
F,E
2,3
D-A
4-7
x4
S
E
R
D
E
S
2
A-D
0-3
E-H
4-7
S
E
R
D
E
S
3
PCIe x8 slot
Gen 1-3
x8
A-H
0-7
Protocol #19
Protocol #5
Protocol #2
DDR
1
DDR4 slot
288 pins
DDR
2
DDR4 slot
288 pins
x2
x2
x2
DB9 stack
CAN IO
x2
CAN1
CAN2
Up to 32 GB at 3200 MT/s
Qualcomm
AR8035
Dual RJ45
2x 1G
RGMII
HS
Mux
HS
mux
IEEE
header
HS
Mux
HS
mux
XSPI
A
SPI
emulator
MT35XU512
XSPI 64 MB
MT35XU512
XSPI 64 MB
Up to 32 GB at 3200 MT/s
SD1
161.13 MHz
SYS
DDR
100.00 MHz
SiliconLabs
Si52208
SD2
100 MHz
SD3
100 MHz
To
slots
125.00 MHz
EC
To
10G
25G
40G
PHYs
UEFI memory
1 MB
PWM fans
100.00 MHz
SiliconLabs
Si5341
156.25 MHz
100.00 MHz
25.00 MHz
SATA 3.0
SATA 3.0
I2C5
RTC
Figure 1. LX2160ARDB block diagram
NXP Semiconductors
LX2160ARDB Overview
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
6 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com