Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 6Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 7Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 13Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Chapter 2
LX2160ARDB Functional Description
The LX2160ARDB architecture is primarily determined by the LX2160A processor, with the need to evaluate the LX2160A
processor features and to deliver an easily usable, off-the-shelf software development platform.
This chapter explains all major functional components of the LX2160ARDB. The chapter is divided into the following sections:
• Power supplies
• Clocks
• DDR interface
• SerDes interface
• Ethernet controller interface
• Ethernet management interface
• eSDHC interface
• XSPI interface
• USB interface
• I2C interface
• UART interface
• CAN interface
• JTAG port
• Interrupt controller
• GPIO access
• Temperature measurement
• LEDs
• DIP switches
• System controller
2.1 Power supplies
The LX2160ARDB provides all the voltages necessary for the correct operation of the LX2160A processor, DDR4 UDIMM, PHYs,
and numerous other peripherals. All power is derived from an external power supply, which supplies bulk +12 V, +5 V, +3.3 V,
as well as +5 V standby power.
The ATX-compatible supply is managed by the system controller CPLD and drives the power supplies shown in the figures below.
NXP Semiconductors
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
10 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com