Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 61Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 62Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 63Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 64Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 65Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 66Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 67Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
3.10 General Control (CTL)
Address
Register
Offset
CTL
005h
Function
The CTL register is used to control various aspects of the target system.
Diagram
Bits
7
6
5
4
3
2
1
0
R
SWLED
AMASK
XTEST
BBOX
LED
FAIL
W
CRST
00
0
0
0
~SW4[5]
0
0
Fields
Field
Function
7-6
SWLED
Controls front-panel power-switch LEDs: when CTL.LED is set
5
AMASK
Alarm Mask Mode:
0= ALARM register reads return alarm status (normal).
1= ALARM register reads return the alarm mask.
4
XTEST
This bit directly drives the XTEST signal, typically driving an SMA connector. The function is user-defined.
3
-
Reserved.
2
BBOX
Boot-Box Mode:
0= PASS/FAIL LEDs operate normally.
1= Both PASS and FAIL are off. Software can clear this bit to report completion
of pass/fail testing (both off indicates testing in progress).
1
LED
Software Diagnostic LED Enable:
0= Diagnostic LEDs operate normally.
1= Software can directly control the M7:M0 monitoring LEDs using the LED register.
0
Software Failure Diagnostic LED:
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
64 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com