Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 16Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 17Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 18Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 19Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 20Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 21Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 22Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 23Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
Table 8. LX2160ARDB clocks (continued)
Part identifier
Clock generator
Clock
Specifications
Destination
• Operating voltage:
1.8 V
OUT8: CLK_SD1_F_[P, N]
• Frequency:
161.1328125 MHz
• Output type: HCSL
• Operating voltage:
1.8 V
SerDes1 controller
PLL 1
OUT9:
CLK_PHY_40GE_[P, N]
• Frequency: 156.25
MHz
• Output type: HCSL
• Operating voltage:
1.8 V
40 GbE PHY
(CS4223)
U117
Si52208-A01AGM
DIFF0_[P, N]:
CLK_SD2_F_[P, N]
• Frequency: 100
MHz (spread-
spectrum capable)
• Output type: HCSL
SerDes2 controller
PLL 1
DIFF1_[P, N]:
CLK_SD2_S_[P, N]
SerDes2 controller
PLL 2
DIFF2_[P, N]:
CLK_SLOT1_[P, N]
PCIe x4 slot
DIFF3_[P, N]:
CLK_SLOT2_[P, N]
PCIe x8 slot
DIFF4_[P, N]:
CLK_SD3_F_[P, N]
SerDes3 controller
PLL 1
DIFF5_[P, N]:
CLK_SD3_S_[P, N]
SerDes3 controller
PLL 2
2.3 DDR interface
The LX2160ARDB supports two high-speed DDR4 memory ports: DDR#1 and DDR#2.
The figure below shows the architecture of the DDR#1 memory port.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
20 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com