Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 32Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 34Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 35Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 36Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 37Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 38Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 39Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
Table 17. I2C bus device map (continued)
I2C bus
7-bit address
Device
Description
Notes
I2C1_CH7_CH0
0x50
Quad SFP+ cage
40G MAC2 QSFP+ port
I2C1_CH7_CH1
Unused
I2C1_CH7_CH2
Unused
I2C1_CH7_CH3
Unused
I2C1_CH7_CH4
0x50
SFP+ cage (#1)
25G MAC5 SFP port
I2C1_CH7_CH5
0x50
SFP+ cage (#2)
25G MAC6 SFP port
I2C1_CH7_CH6
-
PCIe slot 1
PCIe slot 1
I2C1_CH7_CH7
-
PCIe slot 2
PCIe slot 2
I2C2
Unused
I2C3
Unused
I2C4
Unused
I2C5
0x51
NXP PCF2129AT
Real-time clock
Provides real-time clock
0x54 - 0x57
Microchip AT24CM02-
SSHM-B: 256 KB
EEPROM
UEFI storage
Provides UEFI variable
storage in four logical
devices
I2C6
-
Aquantia AQR107 PHY
(#1)
10 Gbit Ethernet PHY 1
Optional, software-
defined address
-
Aquantia AQR107 PHY
(#2)
10 Gbit Ethernet PHY 2
Optional, software-
defined address
A 7-bit address does not include the read/write (R/W) bit as an address member, though some datasheets might
do so. For consistency, all I2C addresses above are of 7 bits only.
NOTE
To access I2C devices on the secondary I2C mux, the primary I2C mux needs to be programmed at address 0x77
and the secondary I2C mux at address 0x75.
NOTE
2.11 UART interface
The LX2160A processor provides two UART blocks, which support two full serial ports with hardware flow control, or four serial
ports with no flow control. On the LX2160ARDB, the UART ports are available for external connection through a dual-port stacked
DB9 male connector. Two RS-232 transceivers (Linear Technology LTC2804-1) translate the signals to RS-232 levels. The figure
below shows the UART architecture.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
36 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com