Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 25Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 26Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 27Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 28Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 29Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 30Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 31Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 32Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
VCC = 3V3
LX2160A
SDHC1_CMD
SDHC1_CLK
SDHC1_DS
SDHC1_VSEL
SDHC1_DAT0
SDHC1_DAT1
SDHC1_DAT2
SDHC1_DAT3
SDHC1_DAT4
SDHC1_DAT5
SDHC1_DAT6
SDHC1_DAT7
SDHC/SDXC
card slot
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
CMD
CLK
CD_B
WP
LX2160A
CD_B (I2C2_SCL)
WP (I2C2_SDA)
EVDD
CPLD and
voltage switch
3V3
OVDD = 1V8
0=3.3V
1=1.8V
PS_EVDD_VSEL
NOTE: The LX2160A does not
support EVDD at 3.3V, though
the board can provide it. For new
designs, a voltage translator such
as the NXP NVT4857UK should
be used. See LX2160ARDB
board errata E-00008 for details.
Figure 16. eSDHC1 architecture
To avoid any damage to SDHC1 port pins due to a silicon erratum, follow these recommendations:
• Avoid unplugging the system to power it down; always use the power button on the front panel
• If cycling the AC power is needed, keep an SDHC card installed in the slot. Allow Linux to boot and configure EVDD to 1.8
V before removing AC power.
The LX2160ARDB eSDHC2 interface is connected to an eMMC device on the board. It supports either an FBGA169 device or
an FBGA153 device. By default, an FBGA169 eMMC device is supported. The table below shows the devices supported by the
eSDHC2 interface.
Table 13. Supported eMMC devices
Part number
Manufacturer
Memory size
Notes
MTFC128GAJAECE-IT
Micron
128 GB
Supported by default
SDINADF4-128G
Sandisk
128 GB
The figure below shows the eSDHC2 connections in the LX2160ARDB.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
29 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com