Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 41Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 42Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 43Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 44Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 45Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 46Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 47Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 48Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
Table 21. Switch settings (continued)
Switch
Supported function
Description
• 0: Enable VDD power supply (default setting)
• 1: Disable VDD power supply (for manufacturing setup only)
SW4[7:8]
General purpose
CFG_GPIN[7:6]
SW_GPIN[7:6]
• 00: Software or end-user defined (default setting)
The table below summarizes the default switch settings of the LX2160ARDB DIP switches.
Table 22. Default switch settings
DIP switch
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
SW1[1:8]
1
1
1
1
1
0
0
0
SW2[1:8]
0
0
0
0
0
0
1
0
SW3[1:8]
1
1
1
1
0
0
0
0
SW4[1:8]
1
0
1
1
1
0
0
0
2.18 LEDs
The LX2160ARDB has numerous onboard light-emitting diodes (LEDs), which can be used to monitor various system functions,
such as power on, reset, board faults, and so on. The information collected from LEDs can be used for debugging purposes. The
table below lists all the LEDs present on the LX2160ARDB.
Table 23. LX2160ARDB LEDs
Reference
designator
LED color
LED name
Description (when LED is ON)
D1
Yellow
PRELOAD
The PSU-loading FET is active; it may be hot during
power-up or shortly afterward. Avoid touching this area.
D18
Blue
PASS
The CPLD has completed power and reset sequencing
and no errors are detected
D19
Yellow
ASLEEP
The processor has not exited Sleep mode, which generally
indicates:
• Improper RCW source selection
• Boot memory does not contain a valid RCW/PBL
• PLL multipliers in the RCW data are not compatible
with the fixed SYSCLK, DDRCLK, or SDCLK values
D20
Red
FAIL
One of the following has happened:
• A thermal over-temperature fault has occurred
• One or more power supplies have not started
• Software has set the register CTL[0] (FAIL) to indicate
a software fault
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
45 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com