Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 81 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 77Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 78Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 79Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 80Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 81Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 82Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 83Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 84Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
Table continued from the previous page...
Field
Function
6-5
-
Reserved.
4
OVDD
OVDD (1.8V) Power Supply Status:
0= Power supply is disabled or faulted.
1= Power supply is operating.
3
-
Reserved.
2
VTT2
VTT2 (DDR block #2) Power Supply Status:
0= Power supply is disabled or faulted.
1= Power supply is operating.
1
VTT1
VTT1 (DDR block #1) Power Supply Status:
0= Power supply is disabled or faulted.
1= Power supply is operating.
0
GVDD
GVDD (1.2V) Power Supply Status:
0= Power supply is disabled or faulted.
1= Power supply is operating.
3.30 Clock Control Registers
The clock control registers control programmable clock synthesizers used to supply clocks to the processor and associated
peripherals.
3.31 Clock Speed 1 (CLK_SPD1)
Address
Register
Offset
CLK_SPD1
030h
Function
The CLK_SPD1 register is used to report the user-selectable speed settings (typically from switches) for the SYSCLK and
DDRCLK clocks.
Values in the CLK_SPD1 register are used by boot software accurately initialize timing-dependent parameters, such as for UART
baud rates, I2C clock rates, and DDR memory timing.
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
81 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com