Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 34Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 35Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 36Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 37Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 38Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 39Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 40Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 116 page
background image
UART1_SIN,
UART1_SOUT,
UART1_RTS_B (UART3_SIN),
UART1_CTS_B (UART3_SOUT)
RS232
XCVR
LTC2804-1
UART1
(bottom)
UART2
(top)
RS232
XCVR
LTC2804-1
OVDD
OVDD
OVDD (1.8 V)
LX2160A
UART2_SIN,
UART2_SOUT,
UART2_RTS_B (UART4_SIN),
UART2_CTS_B (UART4_SOUT)
NORCOMP
178-009-613R571
or equivalent
Dual-stack DB9 male
Figure 22. UART architecture
2.11.1 Quad serial port support
The serial ports support converting each 4-wire serial port into two independent 2-wire serial ports (for a total of four). When
enabled, the UART1_RTS_B/UART2_RTS_B signal becomes UART3_SIN/UART4_SIN and the UART1_CTS_B/UART2_CTS_B
signal becomes UART3_SOUT/UART4_SOUT. To evaluate UART3 and/or UART4, a custom DB9 interface cable must be
created, as shown in the following figure.
Figure 23. 4-wire to 2-wire UART adapter
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
37 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com