Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 57Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 61Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 62Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 63Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
3.5 Board Version (VER)
Address
Register
Offset
VER
001h
Function
The VER register records version information for the PCB board as well the board architecture. The PCB board version can
change without impacting the board architecture version, and vice versa.
Diagram
Bits
7
6
5
4
3
2
1
0
R
ARCH
BRD
W
NONE
0001
0001
Fields
Field
Function
7-4
ARCH
Board architecture version:
1= V1
2= V2 (etc.)
The ARCH field starts at 1 and is only changed if major software-impacting architectural changes to the
board occur: changes to PHY vendors, memory devices, etc.
3-0
BRD
PCB board version:
1= Rev A (or pre-release)
2= Rev B (etc.)
The BRD field reports physical updates to the boards, often incorporating errata fixes or improvements,
which may or may not affect software.
Software may use this field to print board version identification, such as:
char brd_ver = (get_pixis( VER ) & 0Fh);
printf("Board Version: %c", brd_ver + 'A' - 1 );
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
60 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com