Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 13Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 14Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 15Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 16Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 17Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 18Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 19Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
Table 6. Secondary power supplies (continued)
Part
identifier
Manufacturing
part number
Part
manufacturer
Power supply Specifications
Description
U33
FPF1321UCX
FPF1321UCX
is a power
switch, not a
power supply.
OVDD is the
source of the
1.8 V power.
NOTE
ON
Semiconductor
EVDD
1.8 V or 3.3 V at 1 A
The LX2160A
processor does
not support
EVDD
operation at 3.3
V; however, the
LX2160ARDB
can enable it to
change
between 1.8 V
and 3.3 V on the
commands of
the SDHC IP
block for certain
board
configurations.
NOTE
eSDHC I/O power
U29
LTC7150
Linear
Technology
0V85
0.85 V at 20 A with ±3%
accuracy
Supplies power to the
Aquantia AQR107 PHYs,
Inphi IN112525 PHY, and
DDR memories
U30
MC34717EP/R2
NXP
Semiconductors
1V2
1.2 V at 5 A with ±3%
accuracy
Supplies power to the
Aquantia AQR107 PHYs
and Inphi IN112525 PHY
0V9
0.9 V at 5 A with ±3%
accuracy
Supplies power to the
Inphi CS4223 PHY
U31
MC34717EP/R2
NXP
Semiconductors
2V5
2.5 V at 5 A with ±3%
accuracy
Supplies power to DDR4
DIMM connectors
2V1
2.1 V at 5 A with ±3%
accuracy
Supplies power to the
Aquantia AQR107 PHYs
U3
MC34717EP/R2
NXP
Semiconductors
3V3_SB
3.3 V at 1.5 A
Standby (“hot”) power for
the CPLD core
1V8_SB
1.8 V at 1.5 A
Standby (“hot”) power for
the CPLD core and I/O
U27
MAX8902B
Maxim
Integrated
TA_BB_VDD
0.8 V at 0.5 A
Supplies power to the
LX2160A secure monitor
2.1.3 Power supply sequence
The external ATX power supply provides 5V_SB voltage when connected to an AC power outlet. This is an independent 5V power
supply that is always active. This voltage is used to generate the 3V3_SB and 1V8_SB standby power supplies, which are used
to power the CPLD.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
16 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com