Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 18Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 19Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 20Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 21Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 22Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 23Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 24Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 25Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
VREF2
D2_MDQS[0:8]
D2_MDQ[0:63]
D2_MECC[0:7]
D2_MDQS[9:17] / D2_MDM[0:8]
D2_MRAS / MCAS / MWE / MACT
D2_MA[0:13]
D2_MBA[0:1]
D2_MALERT / MAPAR / MBG[0:1]
GVDD
Closest
D2_MCK[2:3]
D2_MCKE[2:3]
D2_MODT[2:3]
D2_MCS[2:3]
LX2160A
DDR4 UDIMM
288-pin sockets
Furthest
GVDD
VTT2
2V5
D2_MCS[0:3]
D2_MCK[0:1]
D2_MCKE[0:1]
D2_MODT[0:1]
VCC_SPD
VDD
VDD
VDD
VPP
ADDR
0x53
RESET_n
ADDR
0x54
I2C1_CH0_2V5
(2.5 V I/O shifted)
D2_RST_B
D2_MDIC0
Figure 10. DDR#2 memory port architecture
The following are the characteristics of the DDR4 ports available on the LX2160ARDB:
• Each DDR4 port provides two DIMM connectors (DIMM#1 and DIMM#2), each supporting an industry-standard, 288-pin,
JEDEC-compliant DDR4 UDIMM or RDIMM module with 8-/16-bit data width:
— DDR#1 port DIMM#1 connector (J14) / DDR#2 port DIMM#1 connector (J17) supports four chip selects
(D1_MCS_B[0:3] / D2_MCS_B[0:3]) for single-, dual-, and quad-rank DDR4 memory modules
Quad rank is only supported if the second DIMM connector of a DDR4 port is left unused.
NOTE
— DDR#1 port DIMM#2 connector (J15) / DDR#2 port DIMM#2 connector (J16) supports two chip selects
(D1_MCS_B[2:3] / D2_MCS_B[2:3]) for single- and dual-rank DDR4 memory modules
• Operates at up to 3.2 GigaTransfers/second (GT/s)
• Supports 64-bit data bus
• Supports double-bit error detection and single-bit error correction ECC (8-bit check word across 64-bit data)
• Supports only DDR4 memory
• Supports 4-bit memory devices with minor board modification to remove pull-down resistors that are mounted on the D1 or
D2 MDQS[9:17]_N traces
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
22 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com