Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 14Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 15Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 16Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 17Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 18Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 19Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 20Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 21Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
Table 7. Power monitoring
Power
Measurement device
Shunt resistor value
Notes
VDD
LTC3882
−
Standard PMBus commands, for
example, READ_IOUT
INA220
0.0005
GVDD
External meter
0.0005
Power supplies not listed in the above table are considered as low-current/incidental supplies and are not instrumented for power
measurement.
2.2 Clocks
The LX2160ARDB provides all the clocks required for the processor and peripheral interfaces. The figure below shows the
LX2160ARDB clock architecture.
Si5341B-
Dxxxxx -
GM
CLK8
CLK0
48 MHz
XA
XB
LX2160A
Si52208
PCIe slots
CLK_SLOTn_[P,N]
SLOT[1:2]_PRESENT_B
100 MHz
HCSL
2
SSON
CFG_SPREAD
from CPLD
CFG_CLKEN_SLOT[1:2]_B
from CPLD
100 MHz
HCSL
2
OE
PRSNT_SLOT[1:2]_B
to CPLD
SD2_CLK[F,S]_[P,N]
SD3_CLK[F,S]_[P,N]
2
100 MHz
HCSL
SD1_CLKF_[P,N]
161.1328125 MHz
HCSL
SD1_CLKS_[P,N]
161.1328125 MHz
HCSL
CLK4
100.00 MHz
HCSL
SYSCLK_DIFF_[P,N]
CLK1A
100.00 MHz
LVCMOS
CLK1B
100.00 MHz
LVCMOS
DDRCLK
CLK7A
125.00 MHz
LVCMOS
CLK7B
125.00 MHz
LVCMOS
EC_GTX_CLK
IEEE header
CLK9
156.250 MHz
HCSL
CS4223 40 GbE PHY
CLK2
100.00 MHz
HCSL
AQR107 10 GbE PHY #1
CLK3
100.00 MHz
HCSL
AQR107 10 GbE PHY #2
CLK5
25.00 MHz
HCSL
IN112525 25 GbE PHY
Figure 8. LX2160ARDB clock architecture
All the clocks are fixed frequency, and most are produced by the Si5341B or Si52208. The following table summarizes the
specifications of each clock and the component that provides it.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
18 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com