Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 23Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 24Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 25Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 26Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 27Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 28Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 29Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 30Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
LX2160A
I1588_PULSE_OUT[2:1]
I1588_ALARM_OUT[1:2]
I1588_TRIG_IN[1:2]
TSM-106-01-S-DV-A-P
ALARMO[1:2]
TRIGIN[1:2]
CLK_OUT
CLK_IN
PULSEO[2:1]
Clock mux
CPLD
I1588_CLK_OUT
1588 access header
I1588_CLK_IN
RST_IEEESLT_B
1
2
3
4
5
6
7
8
9
10
11
12
OVDD (1.8 V)
(1,3)
(2,4)
(5,7)
(8)
(6)
RCLK0
IEEE_RCLK0
(9)
(10)
IEEETEST_CLKIN
3V3
CFG_IEEE_SRC
Si5341B
CLK_1588_CGEN
Figure 14. IEEE 1588 architecture
The table below lists the testing options provided by the IEEE 1588 test header.
Table 11. IEEE 1588 port
IEEE 1588 feature
Specifications
Description
Clocks
Input clock
Ethernet reference clock (to processor) is driven from an onboard 125 MHz
oscillator source. Under software configuration, it may be clocked from the
IEEE 1588 header instead.
Output clock
Ethernet output clock is driven to the IEEE 1588 header
Signals
Other related signals
All remaining IEEE 1588 signals are connected to the dedicated header pins
2.6 Ethernet management interface
The LX2160ARDB has two Ethernet management interfaces, EMI1 and EMI2, for controlling PHY transceivers. The figure below
shows the PHY device connections.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
27 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com