Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 93Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 94Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 95Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 96Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 97Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 98Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 99Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 100Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
Table continued from the previous page...
Field
Function
3
I2C40G
CS4223 40G PHY I2C Enable ((new CFG_CS4223_I2C_EN):
Grants access to the private I2C bus/boot memory used by the CS4223.
0= I2C bus inaccessible.
1= I2C bus accessible.
2
SLOTCLK
SLOTCLK controls whether PCIe slot clocks are enabled always, or only when a device is installed. This
may be useful when installing a larger PCIe device in a smaller slot (i.e. an x16 in an x8 slot).
0= Slot clocks enabled only when device installed.
1= Slot clocks enabled always.
1
SPRLVL
PCI Express Spread-Spectrum Spread Level:
0= -0.25% spread.
1= -0.50% spread.
Valid for Rev B or later boards only.
0
SPREAD
PCI Express Spread-Spectrum Enable (net CFG_SPREAD):
0= Disabled: PCI-Express 100 MHz clocks (all) are locked.
1= Enabled: PCI-Express 100 MHz clocks (all) are spread-spectrum modulated.
3.49 DUT Configuration Registers
This block of registers control the configuration of the DUT (Device Under Test). DUTCFG registers, unlike BRDCFG registers,
are not always driven - they are driven only during the reset configuration sampling interval (PORESET_B assertion), and remain
tri-stated thereafter. Refer to the device hardware specification for hardware pin-sampled timing parameters.
3.50 DUT Configuration 0 (DUTCFG0)
Address
Register
Offset
DUTCFG0
060h
Function
The DUTCFG0 register is used to select the boot device used upon reset (cfg_rcw_src).
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
97 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com