Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 43Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 44Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 45Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 46Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 47Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 48Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 49Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 50Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
Table 23. LX2160ARDB LEDs (continued)
Reference
designator
LED color
LED name
Description (when LED is ON)
D38
Green
2Vx
2V1 and 2V5 power supplies are operating correctly
D39
Green
LVX
0V9 and 1V2 power supplies are operating correctly
D5
Green
QSFP
A QSFP module is installed in the QSFP port
D9
Green
25GMAC5
An SFP module is installed in 25G MAC5 SFP port
D10
Green
25GMAC6
An SFP module is installed in 25G MAC6 SFP port
D11
Green
USB1_5V
5 V power is supplied to the USB #1 connector for external
devices
D13
Green
USB2_5V
5 V power is supplied to the USB #2 connector for external
devices
2.18.1 Multi-status LEDs
The board includes eight multi-status LEDs that indicate hardware activity; however, software can override these LEDs to use
them for debugging purposes. The table below describes the functions of the multi-status LED arrays.
Table 24. LED array functions
LED
If FAIL LED is OFF
If FAIL LED is ON
Startup (power on to
power-up complete)
Normal behavior
Fault code
M7
Power Sequencer state
(see Table 25)
"Idle" pattern, a pattern shown to
indicate that the FPGA has
completed all startup activities
If FAIL LED is ON and M[7:0] are not blinking,
then the fault code is the same as the ALARM
register. Otherwise, it shows the failing tier
number alternately, as follows:
XXXX 0000
0000 XXXX
where XXXX indicates tier number + 1. Fault
code is made to blink in this way to differentiate
power failures from regular alarm codes. Fault
codes are explained in table below.
Fault code
Tier number
0001 0000
0000 0001
Tier 0 => ATX, USB_HVDD
(3V3)
0010 0000
0000 0010
Tier 1 => 0V85, 0V9, 1V2
0011 0000
0000 0011
Tier 2 => VDD, OVDD, 2V1,
2V5, SD_AVDD,
USB_SVDD
M6
M5
M4
Off always
M3
Reset Sequencer state
(see Table 26)
Live I2C1_SCL activity
M2
Live I2C remote activity
M1
Same as M[3:2], except that short
pulses are stretched to 500 ms for
easier detection
M0
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
47 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com