Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 95 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 91Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 92Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 93Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 94Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 95Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 96Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 97Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 98Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
Table continued from the previous page...
Field
Function
5-4
SD1CK2
SerDes1 Clock #2 (S) Rate:
11= 161.1328125 MHz
(fixed)
3-2
SD2CK1
SerDes2 Clock #1 (F) Rate:
00= 100.0000000 MHz
(fixed)
1-0
SD2CK2
SerDes2 Clock #2 (S) Rate:
00= 100.0000000 MHz
(fixed)
3.47 Board Configuration 3 (BRDCFG3)
Address
Register
Offset
BRDCFG3
053h
Function
The BRDCFG3 register reports SerDes clock speeds for SerDes block 3. PCIe clocks may be fixed or spread-spectrum enabled,
as selected by BRDCFG4.SPREAD.
Diagram
Bits
7
6
5
4
3
2
1
0
R
SD3CK1
SD3CK2
W
RRST
00
00
0000
Fields
Field
Function
7-6
SD3CK1
SerDes3 Clock #1 (F) Rate:
00= 100.0000000 MHz
(fixed)
5-4
SD3CK2
SerDes3 Clock #2 (S) Rate:
00= 100.0000000 MHz
(fixed)
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
95 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com