Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 36Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 37Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 38Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 39Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 40Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 41Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 42Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 43Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
LX2160A
GPIO
event
header
90120-0125
4.7 K (weak)
(17 places)
OVDD
4
3
2
1
5
OVDD (1.8 V)
PHY_25G_LOL/IRQ1
IRQ6
IRQ_FAN_B/IRQ7
PHY_25G_LOL/IRQ9
PHY_25G_LOL/IRQ10
IRQ_QSFP_B/IRQ11
IRQ_40GE_B/IRQ0
IRQ_10G_PHY1_B/IRQ2
IRQ_10G_PHY2_B/IRQ3
IRQ_EPHY1_B/IRQ4
IRQ_EPHY2_B/IRQ5
IRQ_RTC_B/IRQ8
EVT0
EVT1
EVT2
EVT3
EVT4
CS4223 40 GbE PHY
AQR107 10 GbE PHY #1
AQR107 10 GbE PHY #2
AR8035 1 GbE PHY #1
AR8035 1 GbE PHY #2
RTC
IN112525 25 GbE PHY
IN112525 25 GbE PHY
IN112525 25 GbE PHY
zQSFP+ 40 GbE module
EMC2305 fan controller
Figure 27. GPIO interface
By programming the RCW “IRQ_EXT” field properly, an unused IRQ pin can be reassigned to GPIO purposes. Event signals
from EVT pins EVT[0:4] flow through a 5-pin GPIO header.
The table below shows the GPIO mapping in the LX2160ARDB.
Table 19. GPIO mapping
LX2160A pin
LX2160A GPIO function
LX2160A primary function
IRQ0
GPIO3[0]
IRQ_40GE_B
IRQ1
GPIO3[1]
PHY_25G_LOL
IRQ2
GPIO3[2]
IRQ_10G_PHY1_B
IRQ3
GPIO3[3]
IRQ_10G_PHY2_B
IRQ4
GPIO3[4]
IRQ_EPHY1_B
IRQ5
GPIO3[5]
IRQ_EPHY2_B
IRQ6
GPIO3[6]
IRQ7
GPIO3[7]
IRQ_FAN_B
IRQ8
GPIO3[8]
IRQ_RTC_B
IRQ9
GPIO3[9]
PHY_25G_LOL (if SFP2_MOD_ABS is low)
IRQ10
GPIO3[10]
PHY_25G_LOL (if SFP3_MOD_ABS is low)
IRQ11
GPIO3[11]
IRQ_QSFP_B
EVT0_B
GPIO3[12]
EVT1_B
GPIO3[13]
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
40 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com