Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 3Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 4Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 5Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 6Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 7Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
1.4 Board features
The table below lists the features of the LX2160ARDB.
Table 3. LX2160ARDB features
LX2160ARDB feature
Specification
Description
Processor
LX2160A processor
QorIQ LX2160A processor, supporting speeds of up to 2.2 GHz.
For more details on the LX2160A processor, see
QorIQ
LX2160A Reference Manual.
NOTE
DDR memory
Two 72-bit DDR4
ports (64-bit data, 8-
bit ECC)
Each DDR4 port supports:
• Two 288-pin DIMM connectors, one supporting four chip selects and
other supporting two chip selects
• Single-/dual-/quad-rank, unbuffered/registered DDR4 memory
modules with 8-/16-bit data width
Quad rank is only supported if the second DIMM
connector of a DDR4 port is left unused.
NOTE
• 64-bit data and 8-bit ECC
• Data rates of up to 3.2 GigaTransfers/second (GT/s)
High-speed serial ports
(SerDes)
Three SerDes
controllers (24 lanes)
• SerDes1:
— Lanes 0-1: Supports two 10 GbE RJ45 USXGMII connectors,
each connected through an Aquantia AQR107 PHY
— Lanes 2-3: Supports two 25 GbE SFP+ modules, connected
through an Inphi IN112525 PHY
— Lanes 4-7: Supports one 40 GbE (40G-SR4, 40G-CR4, or 40G-
KR4) QSFP+ module, connected through an Inphi CS4223 PHY
• SerDes2:
— Lanes 0-3: Supports one PCIe x4 (Gen 1/2/3) connector
— Lanes 4-7: Supports four SATA 3.0 connectors
• SerDes3:
— Lanes 0-7: Supports one PCIe x8 (Gen 1/2/3) connector
• Each SerDes lane supports speeds of up to 25 GHz
eSDHC
eSDHC1
Supports a secure digital (SD) connector (J42) for connecting an SD card
eSDHC2
Supports 128 GB Micron MTFC128GAJAECE-IT embedded multimedia
card (eMMC), supporting HS-400 high-speed transfer mode
Octal SPI (XSPI)
One XSPI controller
(XSPI_A)
• Supports two 64 MB onboard octal SPI flash memories
• Supports a QSPI emulator for offboard QSPI emulation
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Overview
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
7 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com