Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 27Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 28Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 29Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 30Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 31Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 32Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 34Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
Table 14. Devices attached to XSPI interface
Part identifier
Part number
Manufacturer
Description
U112
MT35XU512ABA1G12
Micron
64 MB, PBGA24 octal SPI serial flash
memory
U115
J13
TFM-110-02-S-D-SN-K-TR
Samtec
A 2x10-pin connector that connects to
an external QSPI flash emulator
(DediProg EM100Pro) through an ISP-
ADP-intel-B cable adapter. The
EM100Pro emulator uses 1.8 V as the
input/output voltage.
The table below describes the XSPI routing configuration.
Table 15. XSPI configuration
Configuration signal
DIP switch
CPLD register
Description
CFG_XSPI_MAP[3:0]
SW1[6:8]
BRDCFG0[7:5]
Bit value
XSPI_A_CS0 XSPI_A_CS1 Description
000 (default
setting)
Dev #0
Dev #1
Boot from
default flash
memory
001
Dev #1
Dev #0
Boot from
alternative
flash
memory
010
QSPI
emulator
Dev #0
Boot from
QSPI
emulator,
program
default flash
memory
011
QSPI
emulator
Dev #1
Boot from
QSPI
emulator,
program
alternative
flash
memory
100
Dev #0
QSPI
emulator
Emulator
access
2.9 USB interface
The LX2160ARDB supports two universal serial bus (USB) 3.0 controllers, with each port connected to a different type of USB
connector for maximum flexibility. The table below describes the USB ports.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
31 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com