Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 4Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 5Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 6Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 7Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
Table 3. LX2160ARDB features (continued)
LX2160ARDB feature
Specification
Description
I2C
Six I2C controllers
(I2C1, I2C2, I2C3,
I2C4, I2C5, and I2C6)
• Most system devices (other than UEFI) are accessed via I2C1, which
is multiplexed to isolate address conflicts and reduce capacitive load
• I2C1 is translated to 3V3_SB, allowing programming access to
devices, such as power controllers, clocks, and memories, while the
system is off
• I2C2 is only used for SDHC1_CD_B and SDHC1_WP
• I2C3 is only used for CAN1 input/output
• I2C4 is only used for CAN2 input/output
• I2C5 is used for UEFI support (memory and RTC)
• I2C6 is used for optional AQR107 PHY access
Serial ports
Two UART ports
(UART1 and UART2)
A dual-stack DB9 male connector providing two UART connectors, each
connected through an RS-232 transceiver
USB 3.0
Two high-speed USB
3.0 ports with
integrated PHYs
• Supports super-speed (5 Gbit/s), high-speed (480 Mbit/s), full-speed
(12 Mbit/s), and low-speed (1.5 Mbit/s) operations
• USB#1 3.0 port is connected to a Type A host connector
• USB#2 3.0 port is configured as On-The-Go (OTG) with a Micro-AB
connector
Ethernet
Two tri-speed RGMII
interfaces
• 10 Mb / 100 Mb / 1 Gb Ethernet is supported
• An RJ45 connector with link and activity status is used with each
RGMII interface
• IEEE 1588™ precision time protocol (PTP) is supported through an
onboard header (J29)
Clocks
System clock
(SYSCLK) and DDR
clock (DDRCLK)
• 100 MHz differential clock to DIFF_SYSCLK
• 100 MHz single-ended clock to DDRCLK
SerDes clocks
• 161.1328125 MHz clock to SerDes1 PLL 1 and PLL 2
• 100 MHz clock to SerDes2 PLL 1 and PLL 2
• 100 MHz clock to SerDes3 PLL 1 and PLL 2
• 100 MHz clock to AQR107 10 GbE PHY 1 and 2
• 25 MHz clock to IN112525 25 GbE PHY
• 156.25 MHz clock to CS4223 40 GbE PHY
• 100 MHz clock to x4 and x8 PCIe slots
Ethernet clocks
125 MHz clocks to Ethernet controllers and IEEE 1588 port
Power supplies
• 12 V, 5 V, 3.3 V, and 5 V (standby) ATX power supplies
• 0.8 V (VDD) for the LX2160A core
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Overview
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
8 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com