Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 5Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 6Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 7Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
Table 3. LX2160ARDB features (continued)
LX2160ARDB feature
Specification
Description
• 1.2 V (G1VDD and G2VDD) for DDR4
• 0.92 V (SD_SVDD) for SerDes cores
• 1.8 V (SD_OVDD) for SerDes I/O drivers
• 0.9 V (SD_AVDD) for SerDes PLLs
• 1.8 V (OVDD) for general I/O
• 1.8 V (standby) and 3.3 V (standby) for CPLD core and I/O
• 0.8 V for USB_SVDD and USB_SDVDD
• 3.3 V for USB_HVDD
• 0.8 V (TA_BB_VDD) for the LX2160A secure monitor
• 1.8 V for TA_PROG_SFP and PROG_MTR
Debug features
Arm Cortex 10-pin JTAG connector
System logic
CPLD
• Manages the following:
— System power sequencing
— System reset sequencing
— System and SerDes clock speed selections
— SoC POR configuration at reset
• Implements registers for system control and monitoring
• General fault monitoring and logging
1.5 Board top view
The figure below shows the top-side view of the LX2160ARDB.
Figure 2. LX2160ARDB top view
NXP Semiconductors
LX2160ARDB Overview
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
9 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com