Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 13Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 14Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 15Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 16Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
MAX8902B
3V3_SB
LX2160A TA_BB_VDD
TA_BB_VDD
0.8V @ 0.5A
PS_TA_BB_SEL
from CPLD
PS_TA_BB_PG_B
MC34717EP/R2
PS_LVAUX_EN
PS_LVAUX_PG
1V2
1.20V @ 5A
from CPLD
5V0
VIN[1:2]
IN112525 RT1_VDD*
AQR107_1 P0_VA12*
AQR107_2 P0_VA12*
0V9
0.9V @ 5A
CS4223
VDD
CS4223
AVDD
MC34717EP/R2
PS_2VX_EN
PS_2VX_PG
2V5
2.50V @ 5A
from CPLD
5V0
VIN[1:2]
MAX14591 VDD
MX25V4006 VDD
2V1
2.10V @ 5A
AQR107_1 VA21_*
AQR107_2 VA21_*
MC34717EP/R2
3V3_SB
3.30V @ 1.5A
5V0_SB VIN[1:2]
EPM2210
IO
PCF2129
VBAT
LTC3882
I2C_IO
MAX8902
TA_BB
1V8_SB
1.80V @ 1.5A
EPM2210
IO
EPM2210
VDD
Figure 5. Power supplies - Part 3
Note that several power supplies have onboard low-pass filters, to prevent board switching noise from coupling into sensitive
analog supplies. The figure below shows the filters used.
2.2uF
2.2uF
2.2uF =NFM18PC225B1A3
2.2uF =GRM155R60J225KE95
LPF
LPF
47uF
3nF
4.7uF
0.33OHm
LPF
10uF
1uF
5.1OHm
0.22uF
Figure 6. Passive low pass filters
2.1.1 Primary power supply
The primary power supply for the LX2160ARDB is an external 300 W ATX12V/EPS12V power supply. The following tables show
its main features.
Table 4. Primary power supply
Power supply
Description
External ATX 12 V power
supply
Vin
90 - 264 Vac
Fin frequency
50 - 60 Hz
Iin
< 8.5 A at 100 Vac, 4 A at 240 Vac
Power good
Power-on delay time of 100 ~ 500 ms
Operating temperature range
0 ~ 50 °C on full load
Relative humidity
20~ 80%
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
13 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com