Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 51Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 52Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 53Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 54Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 55Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 57Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
Table 29. Startup sequence (continued)
Controller
Step
Action
Description
• CFG_SVR[0:1]
• CFG_ENG_USE[0:2]
• CFG_SOC_USE
• CFG_GPIN[7:6]
Static (constant) configuration signals are driven:
• CFG_XSPI_MAP[0:3]
• CFG_MUX_EC2
• CFG_IEEE_SRC
• CFG_CAN_EN_B
• CFG_40GE_ROM
• CFG_SPREAD
• CFG_MEM_WP
• CFG_CLKEN_SLOT[1:2]
The CFG_DRV_B signal is asserted now, to help with the
few configuration signals that cannot be driven by the
CPLD.
5
Release resets.
Release all resets shown in reset sequencer step 1.
The processor samples reset pins at this time.
6
Tristate reset-sampled pins.
Three SYSCLK periods after step 5:
De-assert CFG_DRV_B.
Tristate configuration signals drive outputs.
This ensures proper configuration hold time.
The CPLD is no longer involved in reset activity.
7
Processor reset.
The LX2160A processor begins loading RCW data from
the specified RCW source location.
When RCW loading is complete, the LX2160A processor
de-asserts HRESET_B and ASLEEP.
If RCW data is correct, then the system will start running
the code. If there is an error, then RESET_REQ_B is
asserted and the system halts.
8
Reset sequence complete.
The CPLD has finished reset management.
The reset sequencer watches for reset switch events and
will restart at reset sequencer step 1 if any are detected.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
55 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com