Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 58 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 54Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 55Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 57Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 61Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
Table 30. Qixis Register Memory Map (continued)
Offset
Register
Width
(In bits)
Access
Reset value
06Bh
DUT Configuration 11 (DUTCFG11)
8
RW
xxx11111b
06Ch
DUT Configuration 12 (DUTCFG12)
8
RW
xx111111b
090h
Interrupt Status 0 (IRQSTAT0)
8
RO
11111111b
091h
Interrupt Status 1 (IRQSTAT1)
8
RO
11111111b
094h
Interrupt Control 0 (IRQCTL0)
8
RW
00000000b
096h
Interrupt Control 2 (IRQCTL2)
8
RW
00000000b
098h
Interrupt Drive 0 (IRQDRV0)
8
RW
00000000b
099h
Interrupt Drive 1 (IRQDRV1)
8
RW
00000000b
09Ah
Interrupt Drive 2 (IRQDRV2)
8
RW
00000000b
09Dh
Interrupt Drive 5 (IRQDRV5)
8
RW
00000000b
0D8h
Core Management Address (CMSA)
8
RW
00000000b
0D9h
Core Management Data (CMSD)
8
RW
00000000b
0DCh
Switch Control (SWS_CTL)
8
RW
00000101b
0DDh
Switch Sample Status (SWS_STAT)
8
RO
10000000b
3.1 Register Conventions
An undefined register address does not have any defined register value. Reads and writes to such addresses should be avoided.
If you attempt to read such addresses, undefined data is returned. Undefined register addresses may be defined in the future.
For registers which do not define all bits, reserved bits behave as follows:
Reserved Bits
Register
Recommended Actions
DUTCFG
Read as 1. Write ones to unused bits.
others
Read as 0. Write zeroes to unused bits.
Future definitions of reserved bits will maintain backward compatibility with the above rules.
3.2 Resets
The reset values for registers are defined as follows:
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
58 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com