Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 52Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 53Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 54Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 55Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 57Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
Chapter 3
Qixis Programming Model
The system controller CPLD contains many registers which may be used to monitor and control both the processor and hardware
on the RDB. A 3-pin header on the system allows remote monitoring/control of the system, or the processor can access these
registers itself using I2C port 1, using the standard address of 0x66. This address and the register layout adheres to the QixMin
(minimal Qixis) standards, allowing easier code reuse across platforms. This chapter explains each of the registers in the register
block.
This table shows the register memory map for Qixis.
Table 30. Qixis Register Memory Map
Offset
Register
Width
(In bits)
Access
Reset value
000h
Identification (ID)
8
RO
01000010b
001h
Board Version (VER)
8
RO
00010001b
002h
Qixis Version (QVER)
8
RO
00000001b
003h
Programming Model (MODEL)
8
RO
01000000b
004h
Minor Revision (MINOR)
8
RW
00000101b
005h
General Control (CTL)
8
RW
00000x00b
006h
Auxiliary (AUX)
8
RW
00000000b
009h
System Status (STAT_SYS)
8
RO
000x0000b
00Ah
Alarm (ALARM)
8
RO
10000010b
00Bh
Presence Detect 1 (STAT_PRES1)
8
RO
00101101b
00Ch
Presence Detect 2 (STAT_PRES2)
8
RO
11111111b
00Eh
LED Control (LED)
8
RW
00000000b
010h
Reconfiguration Control (RCFG)
8
RW
0010x00xb
018h
SFP CSR 1 (SFP1)
8
RW
10000000b
019h
SFP CSR 2 (SFP2)
8
RW
10110000b
01Ah
SFP CSR 3 (SFP3)
8
RW
10110000b
01Dh
LOS Status (LOS)
8
RO
00000000b
01Fh
Watchdog (WATCH)
8
RW
00011111b
Table continues on the next page...
NXP Semiconductors
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
56 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com