Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 20Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 21Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 22Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 23Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 24Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 25Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 26Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 27Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
Aquantia
AQR107
PCIe x4 slot
Gen 1-3
LX2160A
x4
Inphi
CS4223
QSFP+
40G-SR4
40G-CR4
40G-KR4
S
E
R
D
E
S
1
Dual RJ45
USXGMII
2x 10G
Dual cage
SFP+
2x 25G
x4
Aquantia
AQR107
Inphi
IN112525
x2
x2
x4
x2
x2
H,G
0,1
F,E
2,3
D-A
4-7
x4
S
E
R
D
E
S
2
A-D
0-3
SATA 3.0
SATA 3.0
E-H
4-7
S
E
R
D
E
S
3
PCIe x8 slot
Gen 1-3
x8
A-H
0-7
Protocol #19
Protocol #5
Protocol #2
40G MAC2
25G MAC5
25G MAC6
10G MAC3
10G MAC4
Figure 11. SerDes architecture
The figure below shows the possible SerDes protocol combinations that can be used on the LX2160ARDB.
LX2160A
Lanes
0/H
1/G
2/F
3/E
4/D
5/C
6/B
7/A
Protocol
19
XFI.3
XFI.4
25GE.5
25GE.6
Clocks
LX2160A
Lanes
0/A
1/B
2/C
3/D
4/E
5/F
6/G
7/H
Protocol
5
SATA.3
SATA.4
SATA.1
SATA.2
Clocks
LX2160A
Lanes
0/A
1/B
2/C
3/D
4/E
5/F
6/G
7/H
Protocol
2
Clocks
SerDes 3 : x8 : BackSide
PCIe.5 x8
100.00 MHz
SerDes 2 : x8 : FrontSide
PCIe.3 x4
100.00 MHz
100.00 MHz
SerDes 1 : x8 : FrontSide
40GE.2
161.1328125 MHz
161.1328125 MHz
161.1328125 MHz
Figure 12. SerDes protocol combinations
The table below shows the LX2160ARDB SerDes assignments.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
24 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com