Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 15Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 16Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 17Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 18Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 19Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 20Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 21Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 22Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
Table 8. LX2160ARDB clocks
Part identifier
Clock generator
Clock
Specifications
Destination
Y1
Hot-powered crystal
oscillator
HOT_CLK
• Frequency: 25 MHz
• Output type: CMOS
CPLD
U130
Si5341B-D08333-GM
OUT0: CLK_SD1_S_[P, N]
• Frequency:
161.1328125 MHz
• Output type: HCSL
• Operating voltage:
1.8 V
SerDes1 controller
PLL 2
OUT1B: DDRCLK_SE
• Frequency: 100
MHz
• Output type:
LVCMOS
• Operating voltage:
1.8 V
DDRCLK
OUT2:
CLK_10GE_PHY1_[P, N]
• Frequency: 100
MHz
• Output type: LVDS
• Operating voltage:
1.8 V
10 GbE PHY 1
(AQR107)
OUT3: CLK_10GE_B_[P,
N]
• Frequency: 100
MHz
• Output type: LVDS
• Operating voltage:
1.8 V
10 GbE PHY 2
(AQR107)
OUT4: SYSCLK_DIFF_[P,
N]
• Frequency: 100
MHz
• Output type: HCSL
• Operating voltage:
1.8 V
DIFF_SYSCLK
OUT5:
CLK_25GE_REF_[P, N]
• Frequency: 25 MHz
• Output type: HCSL
• Operating voltage:
1.8 V
25 GbE PHY
(IN112525)
OUT7: EC_CLK125 /
CLK_1588_CGEN
• Frequency: 125
MHz
• Output type:
LVCMOS
Ethernet controller /
IEEE 1588 port
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
19 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com