Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 37Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 38Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 39Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 40Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 41Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 42Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 43Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 44Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
Table 19. GPIO mapping (continued)
LX2160A pin
LX2160A GPIO function
LX2160A primary function
EVT2_B
GPIO3[14]
EVT3_B
GPIO3[15]
EVT4_B
GPIO3[16]
Because all IRQ signals have a pull-up, GPIO pins programmed to input mode default to “1”.
NOTE
2.16 Temperature measurement
The LX2160A processor has two thermal monitoring diodes, which can be measured on the LX2160ARDB by two thermal monitor
devices, SA56004ED and SA56004FD, from NXP. Software can perform direct die temperature readings with an accuracy of ±1
°C. See I2C interface for addressing information.
In addition to monitoring, the SA56004ED and SA56004FD devices can also trigger alarms upon detecting thermal problems. To
do this, the thermal warning and thermal alert signals from these devices are connected to the system controller (CPLD), as well
as to status LEDs. The CPLD uses these signals to power down the system, to protect the processor from over-temperature
damage.
The LX2160ARDB thermal management scheme is shown in the figure below.
THERM_WRN_B
DUT
I2C bus
THERM_FLT_B
VDD
SD_SVDD
SD_OVDD
GVDD
.....
CPLD
Device power
Indicator
1U
PSU
Shut down
.....
Thermal sensor 1
(SA56004ED)
TEMP_DIODE1_P
TEMP_DIODE1_N
TD1_ANODE
TD1_CATHODE
TD2_ANODE
TD2_CATHODE
Thermal sensor 2
(SA56004FD)
TEMP_DIODE2_P
TEMP_DIODE2_N
Figure 28. Thermal management scheme
Thermal monitoring happens with no programming involved. However, if the thermal limit, by default set as 85 °C, is higher than
desired, it will need to be re-programmed. To change the thermal trip point, issue the I2C writes listed in the table below.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
41 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com