Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 38Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 39Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 40Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 41Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 42Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 43Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 44Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 45Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
Table 20. Thermal monitor configuration
I2C write
Description
0x77 0x0 0x0B
Program primary I2C bus multiplexer (PCA9547PW) to get access to
I2C1_CH3 (I2C sub-channel for SA56004ED/SA56004FD)
0x4C 0x19 <TLIMIT> (thermal monitor 1)
0x4D 0x19 <TLIMIT> (thermal monitor 2)
Program the thermal limit of SA56004ED/SA56004FD external
measurement (the processor). <TLIMIT> can be any user-defined value,
for example, decimal 50.
The SW_BYPASS_B switch (SW4[1]) disables thermal monitoring. This may be necessary if operating the board
without a processor installed, as an open thermal diode connection will measure as 127 °C.
NOTE
2.17 DIP switches
The LX2160ARDB provides dual inline package (DIP) switches to allow easy configuration of the system for the most popular
board options. These switches are stored in BRDCFG and DUTCFG registers by CPLD before being used, allowing software
(either local or remote) to reconfigure the system as needed.
The table below explains the DIP switches available in the LX2160ARDB. For each DIP switch:
• If the switch is up (on), the value is 1
• If the switch is down (off), the value is 0
Table 21. Switch settings
Switch
Supported function
Description
SW1[1:4]
RCW fetch location
CFG_RCW_SRC[3:0]
SW_RCW_SRC[3:0]
• 0000: Hard-coded RCW
• 1000: SDHC1: SD card
• 1001: SDHC2: eMMC
• 1010: I2C boot EEPROM
• 1100: XSPI sNAND, 2 KB pages
• 1101: XSPI sNAND, 4 KB pages
• 1111: XSPI serial NOR, 24-bit address (default setting)
SW1[5]
Reset mode
RESET_REQ_B
SW_RST_MODE
• 0: Ignore RESET_REQ_B
• 1: Trigger system reset on assertion of RESET_REQ_B (default setting)
SW1[6:8]
XSPI_A device mapping
CFG_XSPI_MAP[3:0]
SW_XMAP[2:0]: Controls how XSPI_A chip-selects are connected to
devices/peripherals.
Bit value
XSPI_A_CS0
XSPI_A_CS1
Description
000 (default
setting)
DEV#0
DEV#1
Boot from default
flash memory
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
42 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com