Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 7Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 13Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 14Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
LX2160A VDD
Power
stage
VDD
0.5m
W (7W)
PS_VDD_EN
PS_VDD_PG
LTC3882
I2C1_CH1
INA220
INA220
Power
stage
from CPLD
VDDo
0.825V @ 70A
SMBALERT_B
LTC7150
PS_GVDD_EN
PS_GVDD_PG
from CPLD
12V0
VIN
LX2160A
GVDD
VTT1
VDD
VTT2
VDD
DIMM[1:4] VDD
GVDD
0.5m
W (7W)
MC34717EP/R2
PS_SD_VDD_EN
PS_SD_VDD_PG
SD_OVDD
1.80V @ 5A
LPF
LPF
SD_OVDD_FLT
SD_VDD_FLT
LPF
LPF
LPFx4
LPFx4
AVDD_xyz
SD3_OVDD_FLT
from CPLD
5V0
VIN[1:2]
LX2160A SD3_OVDD
LX2160A SD_OVDD
SD_SVDD
0.92V @ 5A
LX2160A SD_SVDD
LX2160A
AVDD[1:5]
LX2160A
AVDD_D[1:2]
LX2160A PROG_MTR
HDR 1x2
LX2160A TA_PROG_SFP
HDR 1x2
1K
1K
PS_SD_OVDD_SEL
LTC7150
PS_OVDD_EN
PS_OVDD_PG
from CPLD
12V0
VIN
LX2160A
OVDD
LX2160A
TH_VDD
LX2160A
PROG_MTR
CS4223
40GE
AQR107_1 VDD_IO
AQR107_2 VDD_IO
XSPI / eMMC
OVDD
LPF
LPF
SD3_VDD_FLT
LX2160A SD3_SVDD
PS_SD_SVDD_SEL
LPF
LPF
GVDDo
1.20V @ 20A
OVDDo
1.80V @ 20A
12V0
VIN
Figure 3. Power supplies - Part 1
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
11 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com