Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 55Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 57Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 61Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 62Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 116 page
background image
Reset Actions
Term
Reset Action
NONE
Register cannot be reset. Applies to read-only registers.
ARST
Auxiliary Reset: registers are reset when the system powers up with standby power, and is never altered
by hardware again. Software writes are preserved.
CRST
Control Reset: registers are not reset except under exceptional situations, such as power cycles or
watchdog timeout.
RRST
Reconfig Reset: configuration registers are reset as with CRST unless a reconfiguration reset has been
requested.
GRST
General Reset: always reset, for any reason.
Generally, a register is wholly affected by only one reset source, however there are exceptions and these are shown with separate
reset lines for each reset source.
3.3 Identification Registers
The ID block of registers contain values which identify the board, including major revisions to the board and/or system controller
FPGA or CPLD.
3.4 Identification (ID)
Address
Register
Offset
ID
000h
Function
The ID register contains a unique classification number. This ID number is used by system software to identify board types. The
ID number remains same for all board revisions.
Diagram
Bits
7
6
5
4
3
2
1
0
R
ID
W
NONE
42h
Fields
Field
Function
7-0
ID
The board-specific identifier for the system.
42h= LX2160ARDB
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
59 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com