Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 77 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 73Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 74Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 75Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 76Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 77Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 78Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 79Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 80Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
3.26 Power Event Trace (PWR_EVENT)
Address
Register
Offset
PWR_EVENT
022h
Function
The PWR_EVENT register records which events caused power-on or -off actions.
Diagram
Bits
7
6
5
4
3
2
1
0
R
PPEVENT
PEVENT
W
NONE
0000
0000
Fields
Field
Function
7-4
PPEVENT
Previous Power Event:
This field contains the value previously stored in the PEVENT field.
3-0
PEVENT
Power Event:
The field contains a code indicating the cause of the most recent power state change, one of the following
codes:
0000= No history (never powered up).
0001= Forced power-off (fault, temp, etc).
0010= Automatic power-up (SW4[2] is set).
0011= PWR_SW switch used to power on.
0110= ATX power-loss detected.
0111= PWR_SW switch used to power off.
1010= Thermal fault forced power off.
1111= Unknown
3.27 Power Status 0 (PWR_MSTAT)
Address
Register
Offset
PWR_MSTAT
024h
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
77 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com