Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 10Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 11Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 12Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 13Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 14Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 15Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
MC34712EP
VTT1
0.60V @ 3A
PS_VTT1_EN
from CPLD
3V3
VIN1
UDIMM[1:2] VTT
PS_VTT1_PG
MC34712EP
VTT2
0.60V @ 3A
PS_VTT2_EN
from CPLD
3V3
VIN1
UDIMM[3:4] VTT
PS_VTT2_PG
LTC3026EMSE
USB_SVDD_CPU
PS_USVDD_EN
from CPLD
3V3+5V VIN[1:2]
LX2160A USB_SVDD
PS_USVDD_PG
PS_USVDD_SEL
LPF
USB_SVDD
0.80V @ 1.5A
LPF
USB_SDVDD_CPU
LX2160A USB_SDVDD
LTC3026EMSE
AVDD_SD1_PLL*
PS_SAVDD_EN
from CPLD
3V3+5V VIN[1:2]
LX2160A AVDD_SD1_PLLF
LX2160A AVDD_SD1_PLLS
PS_SAVDD_PG
PS_SAVDD_SEL
SD_AVDD
0.90V @ 1.5A
AVDD_SD2_PLL*
LX2160A AVDD_SD2_PLLF
LX2160A AVDD_SD2_PLLS
AVDD_SD3_PLL*
LX2160A AVDD_SD3_PLLF
LX2160A AVDD_SD3_PLLS
LTC7150
PS_0V85_EN
PS_0V85_PG
from CPLD
12V0
VIN
IN112525 VDD
AQR107_1 VDD
AQR107_2 VDD
DIMM[1:4] VDD
0V85
0.85V @ 20A
NX5P2924BUK
3V3
LX2160A USB_HVDD
USB_HVDD_SW
3.30V @ 1.0A
PS_USB_HVDD_EN
from CPLD
LPF
USB_HVDD_CPU
FPF1321UCX
3V3+OVDD
LX2160A EVDD
EVDD
1.80V @ 1.0A \
3.30V @ 1.0A
PS_EVDD_EN
from CPLD
PS_EVDD_SEL
LPFx2
LPFx2
LPFx2
Figure 4. Power supplies - Part 2
The LX2160A processor does not support EVDD operation at 3.3 V; however, the LX2160ARDB can enable it.
NOTE
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
12 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com