Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 39Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 40Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 41Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 42Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 43Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 44Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 45Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 46Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
Switch
Supported function
Description
Bit value
XSPI_A_CS0
XSPI_A_CS1
Description
001
DEV#1
DEV#0
Boot from
alternative flash
memory
010
QSPI emulator
DEV#0
Boot from QSPI
emulator,
program default
flash memory
011
QSPI emulator
DEV#1
Boot from QSPI
emulator,
program
alternative flash
memory
100
DEV#0
QSPI emulator
Emulator access
SW2[1]
PCIe Spread-Spectrum
enable
CFG_SPREAD
SW_SPREAD
• 0: 100 MHz clocks for PCIe slots are fixed (default setting)
• 1: 100 MHz clocks for PCIe slots are spread-spectrum modulated
SW2[2]
CS4223 configuration
CFG_40GE_ROM
SW_INIT40GE
• 0: CS4223 40 GbE PHY is not self-configured (default setting)
• 1: CS4223 40 GbE PHY is self-configured on reset
SW2[3]
PCIe slot clock enable
CFG_CLKEN_SLOT[1:2]_B
SW_SLOTCLK
• 0: PCIe slots are clocked only when a card is installed (default setting)
• 1: PCIe slots are clocked always
SW2[4:5]
Unused
Reserved with 00 as the default settings
SW2[6]
Extended DDR PHY Reset
Timing mode
CFG_ENG_USE0
SW_RSTDLY / SW_ENGUSE0
• 0: Extended (delayed) reset timing for DDR PHY (default setting)
• 1: Standard reset timing for DDR PHY
These settings are only valid for LX2160A silicon revision
2.0 or later.
NOTE
SW2[7]
Unused
CFG_ENG_USE1
SW_ENGUSE1
Reserved with 1 as the default setting
SW2[8]
DDR clock source selection
CFG_ENG_USE2
SW_DDRSRC / SW_ENGUSE2
• 0: DDR clocked from DDRCLK pin (default setting)
• 1: DDR clocked from differential SYSCLK
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
43 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com