Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 19Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 20Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 21Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 22Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 23Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 24Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 25Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 26Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
• Memory interface includes all necessary termination and I/O power
• Memory signals are routed in a way to achieve maximum performance on the bus
By default, one of the two DIMM sockects of each LX2160ARDB DDR port has a DIMM installed. It is a 288-pin, dual-rank, 16
GB DDR4 SDRAM UDIMM (MTA18ADF2G72AZ-3G2E1), which supports 64-bit data with 8-bit ECC and operates at up to 3.2
GT/s (0.62 ns frequency at column access strobe (CAS) latency = 22).
The LX2160ARDB DDR interface can work with any JEDEC-compliant, 288-pin, DDR4 UDIMM or RDIMM module.
The DIMM used in the board is a representative DIMM.
NOTE
2.3.1 DDR power
The LX2160ARDB power supplies provide the voltages shown in the table below specifically for the DDR4 subsystem (see Power
supplies for further details).
Table 9. DDR power supplies
Voltage name
Voltage
Current
Description
GVDD
1.2 V
<= 20 A
DDR and processor I/O power
VTT1
0.6 V
<= 3 A
DDR#1 termination supply
VTT2
0.6 V
<= 3 A
DDR#2 termination supply
2.4 SerDes interface
The LX2160A processor supports three SerDes modules (SerDes1, SerDes2, and SerDes3), each having eight high-speed serial
communication lanes. Each SerDes lane supports speeds of up to 25 GHz.
The figure below shows the LX2160ARDB SerDes architecture.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
23 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com