Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 29Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 30Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 31Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 32Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 34Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 35Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 36Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
2.10 I2C interface
The LX2160A processor supports up to six I2C buses. Most system devices (other than UEFI) are accessed via I2C1 port, which
is connected to a PCA9547PW I2C multiplexer to isolate address conflicts and effectively manage the large number of I2C
devices. The I2C1 port is translated to 3V3_SB to provide programming access to power controllers, clocks, memories, and so
on, when the system is powered off.
The figure below shows the I2C bus architecture.
I2C6
I2C3
I2C2
I2C1
Remote
Access
I2C1
Addr = 0x77
PCA9547PW
3V3_SB
I2C1_CH0
I2C1_CH7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
OVDD
OVDD
OVDD (1.8V)
SDHC1_CD_B
SDHC1_WP
I2C1_CH1
I2C1_CH2
I2C1_CH3
I2C1_CH5
I2C1_CH6
3V3_SB (all 8 channels)
...
unused
Volt
Trans
3V3_SB
3V3_SB
CPLD
OVDD
OVDD
CAN1_RX
CAN1_TX
I2C4
CAN2_RX
CAN2_TX
I2C5
I2C6
Remote
Access
OVDD
OVDD
Volt
Trans
3V3_SB
3V3_SB
Real-Time
Clock
PCF2129
Addr
0x51
3V3_SB
3V3_SB
UEFI Mem
AT24CM02
Addr
0x54-0x57
3V3_SB
3V3_SB
I2C5
Remote
Access
AQR107 #1
AQR107 #2
Addr
SW
Addr
SW
OVDD
OVDD
1V8
1V8
1V8
1V8
Figure 20. I2C bus architecture
The multiplexer used for the I2C1 bus partitions the bus into eight sub-buses, called "channels." Software must program the
multiplexer to access one of the eight I2C1 channels. All boot-software-dependent devices are placed on channel 0, or
"I2C1_CH0" as it is named. Channel 0 is the default selection upon reset so that software has immediate access to critical
resources.
The I2C devices indirectly available on the I2C1 bus are shown in the figure below.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
33 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com